Part Number Hot Search : 
X6989D EPCOS FKBP206 3120C 2B16UM 1N4741 74AC3 6404A
Product Description
Full Text Search
 

To Download KBPC102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. KBPC1005 THRU KBPC110
SINGLE PHASE SILICON BRIDGE RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 3.0A
FEATURES
* Ideal for printed circuit board * Surge overload rating: 50 A peak * High case dielectric strength * High temperature soldering guaranteed: 250oC/10sec/0.375"(9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
KBPC-1
MECHANICAL DATA
* Terminal: Plated leads solderable per MIL-STD 202E, method 208C * Case: UL-94 Class V-O recognized flame retardant epoxy * Polarity: Polarity symbol marked on body * Mounting position: Hole thru for #6 screw
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Tc=50oC) Peak Forward Surge Current (8.3ms single half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage (at forward current 1.5A DC) Maximum DC Reverse Current Ta=25oC (at rated DC blocking voltage) Operating Temperature Range Storage Temperature Ta=100 C
o
SYMBOL
VRRM VRMS VDC IF(AV) IFSM VF IR TJ TSTG
KBPC 1005 50 35 50
KBPC 101 100 70 100
KBPC 102 200 140 200
KBPC 104 400 280 400
3.0 50 1.1 10.0 500
KBPC 106 600 420 600
KBPC 108 800 560 800
KBPC UNITS 110 1000 V 700 V 1000 V
A A V A A
o o
-55 to +125 -55 to +150
C C
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of KBPC102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X